Part Number Hot Search : 
LXD975A 5K4164AL CD5373B MATCHED A3935KLQ 24012 09629821 KFX863
Product Description
Full Text Search
 

To Download B82442-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  135 04/00 high-current version size 2220 (eia) or 5650 (iec) rated inductance 1 to 10000 m h rated current 35 to 2500 ma construction n upright ferrite drum core n laser-welded winding n flame-retardant encapsulation features n very high current handling capability n high l values n suitable for reflow (ir and vapor phase) and wave soldering applications n filtering of supply voltages, coupling, decoupling n dc/dc converters n automotive electronics n telecommunications terminals n tinned n 0,4 m m cu; 1C2 m m ag; 5C7 m m sn n base material cusn6 n no leaching during wave soldering marking marking on component: manufacturer, l value (in nh) and tolerance of l value (coded), date of manufacture (coded) minimum data on reel: manufacturer, part number, ordering code, l value and tolerance of l value, quantity, date of packing delivery mode 12-mm blister tape, wound on 330-mm ? reel for details on taping, packing and packing units see page 153 B82442-H smt inductors, simid series simid 2220-h
136 04/00 B82442-H smt inductors, simid series simid 2220-h general technical data rated inductance l r measured with impedance analyzer hp 4194a at frequency f l q factor q min measured with impedance analyzer hp 4194a at frequency f q rated current i r maximum permissible dc with inductance decrease d l / l 0 10 % and temperature increase of 40 k at rated temperature of 85 c self-resonance frequency f res, min measured with network analyzer hp 8753 dc resistance r max measured at 20 c ambient temperature, measuring current < i r climatic category in accordance with iec 60068-1 55/125/56 (C 55 c/+ 125 c/56 days damp heat test) solderability in accordance with iec 60062-2-58 (215 3) c, (3 0,3) s wetting of soldering area: 3 90 % resistance to soldering heat in accordance with iec 60068-2-20 260 c, 10 s d l / l 3% permissible pcb bending 2 mm (100 mm long standard pcb) weight approx. 400 mg
137 04/00 B82442-H smt inductors, simid series simid 2220-h dimensional drawing layout recommendation 1) soldering area, tinned dimensions (mm) abcd wave/reflow soldering 4,5 2,0 4,0 8,0 ssb1261-e 0,70,2 1) 3,50,1 1) 5,6+0,3 5+0,3 5+0,3 0,15 max. 0,7 min. 1) marking marking ssb1227-z cb d b a
138 04/00 B82442-H smt inductors, simid series simid 2220-h characteristics and ordering codes 1) replace the + by the code letter for the required inductance tolerance (see table). l r m h toler- ance q min f l ; f q mhz i r ma r max w f res, min mhz ordering code 1) 1,0 10 % k 10 7,96 2500 0,024 95 B82442-H1102-k 1,2 10 7,96 2350 0,028 70 B82442-H1122-k 1,5 10 7,96 2200 0,032 55 B82442-H1152-k 1,8 10 7,96 2000 0,040 47 B82442-H1182-k 2,2 10 7,96 1800 0,048 42 B82442-H1222-k 2,7 10 7,96 1700 0,056 37 B82442-H1272-k 3,3 10 7,96 1550 0,064 34 B82442-H1332-k 3,9 10 7,96 1450 0,072 32 B82442-H1392-k 4,7 10 7,96 1350 0,088 29 B82442-H1472-k 5,6 10 7,96 1250 0,104 26 B82442-H1562-k 6,8 10 7,96 1130 0,120 24 B82442-H1682-k 8,2 10 7,96 1050 0,144 22 B82442-H1822-k 10 10 2,52 1000 0,168 19 B82442-H1103-k 12 10 2,52 880 0,20 17 B82442-H1123-k 15 10 2,52 810 0,24 16 B82442-H1153-k 18 10 2,52 740 0,29 14 B82442-H1183-k 22 10 2,52 670 0,35 13 B82442-H1223-k 27 10 2,52 620 0,42 11,5 B82442-H1273-k 33 5 % j 10 % k 10 2,52 560 0,50 10,5 B82442-H1333-+ 39 10 2,52 520 0,58 9,5 B82442-H1393-+ 47 10 2,52 480 0,68 8,5 B82442-H1473-+ 56 10 2,52 430 0,80 7,8 B82442-H1563-+ 68 10 2,52 400 0,96 7,0 B82442-H1683-+ 82 10 2,52 380 1,12 6,4 B82442-H1823-+ 100 20 0,796 350 1,28 6,0 B82442-H1104-+ 120 20 0,796 320 1,52 5,4 B82442-H1124-+ 150 20 0,796 290 1,76 4,8 B82442-H1154-+ 180 20 0,796 270 2,24 4,4 B82442-H1184-+ 220 20 0,796 240 2,72 3,9 B82442-H1224-+ 270 20 0,796 220 3,36 3,6 B82442-H1274-+ ^ ^ ^
139 04/00 B82442-H smt inductors, simid series simid 2220-h characteristics and ordering codes (continued) 1) replace the + by the code letter for the required inductance tolerance (see table). l r m h toler- ance q min f l ; f q mhz i r ma r max w f res, min mhz ordering code 1) 330 5 % j 10 % k 20 0,796 200 3,92 3,2 B82442-H1334-+ 390 20 0,796 180 4,64 2,9 B82442-H1394-+ 470 20 0,796 170 5,60 2,6 B82442-H1474-+ 560 20 0,796 150 6,80 2,4 B82442-H1564-+ 680 20 0,796 140 8,00 2,2 B82442-H1684-+ 820 20 0,796 130 10,4 2,0 B82442-H1824-+ 1000 30 0,252 120 12,0 1,8 B82442-H1105-+ 1200 30 0,252 105 13,6 1,5 B82442-H1125-+ 1500 30 0,252 100 16,0 1,4 B82442-H1155-+ 1800 30 0,252 85 24,0 1,3 B82442-H1185-+ 2200 30 0,252 75 28,0 1,2 B82442-H1225-+ 2700 30 0,252 65 44,0 1,1 B82442-H1275-+ 3300 30 0,252 55 48,0 1,0 B82442-H1335-+ 3900 30 0,252 53 56,0 1,0 B82442-H1395-+ 4700 30 0,252 50 62,4 0,9 B82442-H1475-+ 5600 30 0,252 46 68,0 0,8 B82442-H1565-+ 6800 30 0,252 42 88,0 0,7 B82442-H1685-+ 8200 30 0,252 39 100 0,6 B82442-H1825-+ 10000 30 0,0796 35 120 0,5 B82442-H1106-+ ^ ^
140 04/00 B82442-H smt inductors, simid series simid 2220-h impedance | z | versus frequency f measured with impedance analyzer hp 4191a / hp 4194a q factor versus frequency f measured with impedance analyzer hp 4191a inductance l versus dc load current i dc measured with lcr meter hp 4275a current derating i op / i r versus ambient temperature t a ssb1257-l 10 f 10 10 10 10 khz q 15 4 3 2 0 20 40 60 80 1 m h h m 10 h m 100 h m 1000 h m 10000 ssb0893-e 0 0 t i b i r a 0,2 0,4 0,6 0,8 1,0 1,2 20 40 60 80 100 140 c i op i r


▲Up To Search▲   

 
Price & Availability of B82442-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X